Part Number Hot Search : 
B3874 A8041 AOTF8N50 1800A BT440 LC74793 32F10 MC10E
Product Description
Full Text Search
 

To Download 78L12ACZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLANETA
The Linear IC's Three-Terminal Low Current Positive Voltage Regulators
DESCRIPTION
78L00A Series
The 78L00A Series of three terminal positive voltage regulators is available with several fixed output voltages making them useful in a wide range of applications. These regulators are inexpensive, vise-to-use devices suitable for a multitude of applications that require a regulated supply of up to 100 mA. These regulators feature internal current limiting and thermal shutdown making them remarkably rugged. No external components are required with the 78L00A devices in many applications. These devices offer a substantial performance advantage over the traditional zener diode-resistor combination, as output impedance and quiescent current are substantionally reduced. The voltages available allow the 78L00A to be used in logic systems, instrumentation, HiFi, and other solid state electronic equipment. The 78L00A is available in 3-Pin plastic package SOT54 (Z), 3-Pin mini power plastic package SOT89 (F) and the 8-Pin plastic package SO8 (D) offers superior quality and performance at low cost.
3
1
2
1 - Output 2 - Common 3 - Input
SOT54 JEDEC EIAJ GOST Weight: TO-92 SC-43 KT-26 0.3g
FEATURES
O O O O
High Output Current IO= 100 mA Fixed Output Voltage VO= 5 V, 6 V, 8 V, 12 V, 15 V Complementary Negative Regulators 79L00A Series Available in either 5% (AC) Selection
2 1 2 3
DEVICE TYPE / NOMINAL VOLTAGE
5% Output Voltage Accuracy 78L05AC 78L06AC 78L08AC 78L09AC 78L12AC 78L15AC Voltage Z Suffix 5 6 8 9 12 15 78L05ACZ 78L06ACZ 78L08ACZ 78L09ACZ 78L12ACZ 78L15ACZ Package F Suffix 78L05ACF 78L06ACF 78L08ACF 78L09ACF 78L12ACF 78L15ACF D Suffix 78L05ACD 78L06ACD 78L08ACD 78L09ACD 78L12ACD 78L15ACD
1 - Output 2 - Common 3 - Input
SOT89 JEDEC EIAJ GOST Weight: TO-243 SC-62 KT-47 0.055g
1
5
4
SOT96-1 JEDEC EIAJ GOST Weight: MS-012 - 4303.8-1 0.08 a
1 - Output, 2 - Common, 3 - Common, 4 - No Connect, 5 - No Connect, 6 - Common, 7 - Common, 4 - Input PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia (c) August 2001 Rev 1 Ph./Fax: +7-816-2231736 E-mail: planeta@novgorod.net http://www.novgorod.net/~planeta
78L00AC Series
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Rating Input Voltage VO = 5 V to 9 V VO = 12 V to 15 V Output Current Maximum Power Dissipation Case KT-26 (TO-92) Z Suffix Case KT-47 (SOT-89) F Suffix Case 4303.8-1 (SO-8) D Suffix Junction Temperature Operating Junction Temperature Range Storage Temperature Range Symbol VI 30 35 100 500 350 500 150 -30 to +85 -40 to +150 Value Unit V
IO PD
mA mW
TJMAX TOPR TSTG
C C C
ORDERING INFORMATION
Device 78LXXACZ* 78LXXACF* Marking Package Quantity Packing Style 78LXXACZ* SOT-54 8LXX* SOT-89 SOT-89 1 Kpcs / plastic bags / In bulk carton box 5 Kpcs / plastic bags / In bulk carton box 1 Kpcs / Reel Embossed tape 12-mm wide 7'' dia. Pin 2 (Common) towards the windung. Perforation on the right. 5 Kpcs / plastic bags / In bulk carton box 500 pcs / Reel Embossed tape 12-mm wide 7'' dia. Pin 1 (Output) face to perforation side of the tape. 2.5 Kpcs / Reel Embossed tape 12-mm wide 13'' dia. Pin 1 (Output) face to perforation side of the tape.
78LXXACF-T1* 8LXX*
78LXXACD*
78LXXACD* SO-8
78LXXACD-R1* 78LXXACD* SO-8
78LXXACD-R2* 78LXXACD* SO-8
Note 1: XX indicates nominal voltage *Available in 5, 6, 8, 9, 12 and 15 V devices.
Ph./Fax: +7-816-2231736 E-mail: planeta@novgorod.net http://www.novgorod.net/~planeta
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia (c) August 2001 Rev 1
2
78L00AC Series
78L05AC ELECTRICAL CHARACTERISTICS
(VI = 10 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, TA = 25 C unless otherwise noted) Characteristic Output Voltage Output Voltage, 7.0V < VI < 20.0V, 1mA < IO < 40mA Line Regulation, 7.0V < VI < 20.0V Load Regulation, 1mA < IO < 100mA 1mA < IO < 40mA Input Bias Current Input Bias Current, 8.0V < VI < 20.0V, 1mA < IO < 40mA Ripple Rejection, 8.0V < VI < 18.0V, IO=40mA, f=120Hz Dropout Voltage Symbol VO VO Min 4.8 4.75 - - - - - RR 41 VI - VO - 1.7 - - Typ 5.0 - - - - - - Max 5.2 5.25 mV 150 mV 60 30 6 1.5 dB V Unit V V
IIB IIB
mA mA
78L06AC ELECTRICAL CHARACTERISTICS
(VI = 12 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, TA = 25 C unless otherwise noted) Characteristic Output Voltage Output Voltage, 8.5V < VI < 20.0V, 1mA < IO < 40mA Line Regulation, 8.5V < VI < 20.0V Load Regulation, 1mA < IO < 100mA 1mA < IO < 40mA Input Bias Current Input Bias Current, 9.0V < VI < 20.0V, 1mA < IO < 40mA Ripple Rejection, 10.0V < VI < 20.0V, IO=40mA, f=120Hz Dropout Voltage Symbol VO VO Min 5.75 5.7 - - - - - RR 40 VI - VO - 1.7 - - Typ 6.0 - - - - - - Max 6.25 6.3 mV 175 mV 80 40 6 1.5 dB V Unit V V
IIB IIB
mA mA
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia (c) August 2001 Rev 1
Ph./Fax: +7-816-2231736 E-mail: planeta@novgorod.net http://www.novgorod.net/~planeta
3
78L00AC Series
78L08AC ELECTRICAL CHARACTERISTICS
(VI = 14 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, TA = 25 C unless otherwise noted) Characteristic Output Voltage Output Voltage, 10.5V < VI < 23.0V, 1mA < IO < 40mA Line Regulation, 10.5V < VI < 23.0V Load Regulation, 1mA < IO < 100mA 1mA < IO < 40mA Input Bias Current Input Bias Current, 11.0V < VI < 23.0V, 1mA < IO < 40mA Ripple Rejection, 13.0V < VI < 23.0V, IO=40mA, f=120Hz Dropout Voltage Symbol VO VO Min 7.7 7.6 - - - - - RR 37 VI - VO - 1.7 - - Typ 8.0 - - - - - - Max 8.3 8.4 mV 175 mV 80 40 6 1.5 dB V Unit V V
IIB IIB
mA mA
78L09AC ELECTRICAL CHARACTERISTICS
(VI = 16 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, TA = 25 C unless otherwise noted) Characteristic Output Voltage Output Voltage, 12.0V < VI < 24.0V, 1mA < IO < 40mA Line Regulation, 12.0V < VI < 24.0V Load Regulation, 1mA < IO < 100mA 1mA < IO < 40mA Input Bias Current Input Bias Current, 13.0V < VI < 24.0V, 1mA < IO < 40mA Ripple Rejection, 15.0V < VI < 25.0V, IO=40mA, f=120Hz Dropout Voltage Symbol VO VO Min 8.6 8.55 - - - - - RR 37 VI - VO - 1.7 - - Typ 9.0 - - - - - - Max 9.4 9.45 mV 175 mV 90 40 6 1.5 dB V Unit V V
IIB IIB
mA mA
Ph./Fax: +7-816-2231736 E-mail: planeta@novgorod.net http://www.novgorod.net/~planeta
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia (c) August 2001 Rev 1
4
78L00AC Series
78L12AC ELECTRICAL CHARACTERISTICS
(VI = 19 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, TA = 25 C unless otherwise noted) Characteristic Output Voltage Output Voltage, 14.0V < VI < 27.0V, 1mA < IO < 40mA Line Regulation, 14.5V < VI < 27.0V Load Regulation, 1mA < IO < 100mA 1mA < IO < 40mA Input Bias Current Input Bias Current, 16.0V < VI < 27.0V, 1mA < IO < 40mA Ripple Rejection, 15.0V < VI < 25.0V, IO=40mA, f=120Hz Dropout Voltage Symbol VO VO Min 11.5 11.4 - - - - - RR 37 VI - VO - 1.7 - - Typ 12.0 - - - - - - Max 12.5 12.6 mV 250 mV 100 50 6.5 1.5 dB V Unit V V
IIB IIB
mA mA
78L15AC ELECTRICAL CHARACTERISTICS
(VI = 23 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, TA = 25 C unless otherwise noted) Characteristic Output Voltage Output Voltage, 17.5V < VI < 30.0V, 1mA < IO < 40mA Line Regulation, 17.5V < VI < 30.0V Load Regulation, 1mA < IO < 100mA 1mA < IO < 40mA Input Bias Current Input Bias Current, 19.0V < VI < 30.0V, 1mA < IO < 40mA Ripple Rejection, 18.5V < VI < 28.5V, IO=40mA, f=120Hz Dropout Voltage Symbol VO VO Min 14.4 14.25 - - - - - RR 34 VI - VO - 1.7 - - Typ 15.0 - - - - - - Max 15.6 15.75 mV 300 mV 150 75 6.5 1.5 dB V Unit V V
IIB IIB
mA mA
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia (c) August 2001 Rev 1
Ph./Fax: +7-816-2231736 E-mail: planeta@novgorod.net http://www.novgorod.net/~planeta
5
78L00AC Series
PACKAGE DIMENSIONS of 78L00ACZ in mm
2.50.2 2
4.2 -1.0
max
0.7 max
0.5
max
1.6 +0.1 -0.2
O5.2 -0.5 5.2 -0.5 14.5 -1.5
PLASTIC CASE KT-26
4,50,1 1,80,05
PACKAGE DIMENSIONS of 78L00ACF in mm
A 1,50,1
0,8min
2,50,1
40,25
1
2 0,450,05 1,5 3,0
3 0,4
0,40,05 B
PLASTIC CASE KT-47
Ph./Fax: +7-816-2231736 E-mail: planeta@novgorod.net http://www.novgorod.net/~planeta
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia (c) August 2001 Rev 1
6
78L00AC Series
PACKAGE DIMENSIONS of 78L00ACD in mm
PLASTIC CASE 4303-8.1
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia (c) August 2001 Rev 1
Ph./Fax: +7-816-2231736 E-mail: planeta@novgorod.net http://www.novgorod.net/~planeta
7


▲Up To Search▲   

 
Price & Availability of 78L12ACZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X